Part Number Hot Search : 
MBRX160 CHIPS AT45DB LPRA30Z DDC143TH HCF40 B2012 BXZ85
Product Description
Full Text Search
 

To Download NX6301SH Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 NEC's 1310 nm InGaAsP MQW DFB NX6301 LASER DIODE IN CAN PACKAGE SERIES FOR 155 Mb/s AND 622 Mb/s APPLICATIONS
FEATURES
* OPTICAL OUTPUT POWER: PO = 5.0 mW * LOW THRESHOLD CURRENT: ITH = 13 mA * HIGH SPEED: tr, tf = 0.5 ns MAX * SMSR: 40 dB * WIDE OPERATING TEMPERATURE RANGE: TC = -40 to +85C * InGaAs MONITOR PIN-PD * CAN PACKAGE: o5.6 mm * BASED ON TELCORDIA RELIABILITY
DESCRIPTION
NEC's NX6301 Series is a 1310 nm Multiple Quantum Well (MQW) structured Distributed Feed-Back (DFB) laser diode with InGaAs monitor PIN-PD. This device is ideal for Synchronous Digital Hierarchy (SDH) and SONET systems, STM-1/ OC-3, STM-4/OC-12 and ITU-T recommendations.
ELECTRO-OPTICAL CHARACTERISTICS (TC = 25C, unless otherwise specified)
PART NUMBER SYMBOLS VOP ITH PTH PARAMETERS AND CONDITIONS Operating Voltage, PO = 5.0 mW, TC = -40 to +85C Threshold Current TC = 85C Threshold Output Power, TC = -40 to +85C, IF = ITH Differential Efficiency Temperature Dependence d = 10 log d (@ 85C) d (@ 25C) of Differential Efficiency Peak Emission Wavelength, PO = 5.0 mW, TC = -40 to +85C, RMS (-20 dB) Side mode Suppression Ratio PO = 5.0 mW, TC = -40 to +85C Vertical Beam Angle1, PO = 5.0 mW, FAHM2 Lateral Beam Angle1, PO = 5.0 mW, FAHM2 Rise Time, 10 to 90% Fall Time, 90 to 10% Monitor Current, PO = 5.0 mW, VR = 5 V Monitor Dark Current, VR = 5 V VR = 5 V, TC = -40 to +85C UNITS V mA mA W W/A dB MIN - - - - 0.15 -3.0 NX6301 Series TYP 1.2 13 40 - 0.25 -2.3 MAX 1.5 25 50 200 - -
d d
p SMSR || tr tf Im ID Ct
nm dB deg deg ns ns A nA nA pF dB
1280 30 - - - - 200 - - - -1.0
- 40 30 25 0.05 0.3 600 0.1 - 1.0 -
1335 - 40 35 0.5 0.5 1000 50 500 20 1.0
Monitor PD Terminal Capacitance, VR = 5 V, f = 1 MHz Tracking Im = const, (@ PO = 5.0 mW, TC = 25C) TC = -40 to +85C Error3
Notes: 1. Applicable only to NX6301S Series. 2. FAHM: Full Angle at Half Maximum. PO 3. Tracking Error:
(mW) TC = 25C 5.0 TC = -40 to +85C PO =
|10 log
PO 5.0
| [dB]
0
Im
Im (mA)
California Eastern Laboratories
NX6301 SERIES ABSOLUTE MAXIMUM RATINGS1
(TC = 25C, unless otherwise specified) SYMBOLS Pf IF VR IF VR TC TSTG TSLD RH PARAMETERS Optical Output Power Forward Current of LD Reverse Voltage of LD Forward Current of PD Reverse Voltage of PD Operating Case Temperature Storage Temperature Lead Soldering Temperature (10 s) Relative Humidity (noncondensing) UNITS mW mA V mA V C C C % RATINGS 10 150 2.0 10 20 -40 to +85 -40 to +85 350 (3 sec.) 85
Note: 1. Operation in excess of any one of these parameters may result in permanent damage.
TYPICAL PERFORMANCE CURVES (TC = -40 to +85C)
OPTICAL OUTPUT POWER vs. FORWARD CURRENT
0C C
10
OPERATING CURRENT AND THRESHOLD CURRENT vs. CASE TEMPERATURE
100
5C
= -4
+25
Optical Output Power, PO (mW)
TC
+8
8
Operating Current, IOP (mA) Threshold Current, ITH (mA)
IOP @ PO = 5 mW
6
Ith 10
4
2
0
20
40
60
80
100
1 -60
-40
-20
0
20
40
60
80
100
Forward Current, IF (mA)
Case Temperature, TC (C)
TEMPERATURE DEPENDENCE OF PEAK EMISSION WAVELENGTH
1320
Peak Emission Wavelength, (nm)
1315
1310
1305
1300 -60
-40
-20
0
20
40
60
80
100
Case Temperature, TC (C)
NX6301 SERIES TYPICAL PERFORMANCE CURVES (TC = -40 to +85C)
FAR FIELD PATTERN (//) (NX6301S SERIES ONLY)
100
100
FAR FIELD PATTERN ( ) (NX6301S SERIES ONLY)
Intensity (%)
50
Intensity (%)
50
0 -60
0
60
0 -60
0
Lateral Beam Angle // (deg.)
Vertical Beam Angle (deg.)
SPECTRUM
-10
FORWARD CURRENT vs. FORWARD VOLTAGE
50
-30
Forward Current, IF (mA)
40
Relative Intensity
30
-50
20
-70
10
-90 1287
1312
1337
0 0 0.5 1.0 1.5 2.0 2.5
Wavelength, (nm) Note: The graphs indicate nominal characteristics.
Forward Voltage, VF (V)
T
60
T
NX6301 SERIES
OUTLINE DIMENSIONS (Units in mm)
NX6301S SERIES
o5.6 -0.03 o4.20.1 o3.550.05
+0.00
NX6301G SERIES BOTTOM VIEW
o4.30.1 o3.750.05 1.00.1 0.3 -0.0
+0.1
o5.6 +0.00 -0.03
1.00.1
1
+0.1
0.3 -0.0 1 2 3 4
+0.1
BOTTOM VIEW
1102
0.3 -0.0
2 3
4
1102
PIN CONNECTIONS
+0.1 0.3 -0.0
PIN CONNECTIONS
NX6301GH
1 (CASE)
NX6301SH
1 (CASE)
(GLASS)
o1.60.1
NX6301SI
1 (CASE) LD
8.51.0
NX6301GI
1 (CASE) LD
*0.250.03
Focal Point
LD 2 4 PD
0.33
LD 2 PD NX6301SJ 3 4
2 PD 3
4
0.25
o1.0 MIN
2 3
4
15.01.0 1.20.1 3.970.1
2.10.15
PD NX6301SK
3
LD CHIP REFERENCE PLANE 1.270.1
NX6301GJ
1 (CASE) LD 2 4 PD 3 2
NX6301GK
1 (CASE) LD 4 PD 3
1.20.1
15.01.0
1 (CASE)
o0.45 (4 places)
1 (CASE) LD 2
LD 2 4 PD 3
o0.45 (four places)
4 PD 3
o2.0 P.C.D.
o2.0 P.C.D.
*n = 1.48 Bolosilicate Glass
ORDERING INFORMATION
PART NUMBER NX6301SH NX6301SI NX6301SJ NX6301SK NX6301GH NX6301GI NX6301GJ NX6301GK 4-pin with aspherical lens cap PACKAGE 4-pin CAN with flat glass cap
Life Support Applications These NEC products are not intended for use in life support devices, appliances, or systems where the malfunction of these products can reasonably be expected to result in personal injury. The customers of CEL using or selling these products for use in such applications do so at their own risk and agree to fully indemnify CEL for all damages resulting from such improper use or sale.
02/19/2003
A Business Partner of NEC Compound Semiconductor Devices, Ltd.


▲Up To Search▲   

 
Price & Availability of NX6301SH

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X